Part Number Hot Search : 
04597 KBPC1510 CMHZ4104 HC1G0 04597 D9153 HER205 AM26LS29
Product Description
Full Text Search
 

To Download LAN0054-53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN0054-53
10/100BASE-Tx PC Card LAN Magnetics Module
Meets IEEE 802.3 standard RoHS Compliant Single port configuration Low profle packages for PC card and cardbus applications Operating Temperature: 0J~70 J
Electrical Specification @25J
OCL: Hi-POT : Turn Ratio: D.C.R: Insertion Loss Return Loss Cross Talk 30MHz -16dB Min. 30MHz -45dB Min. 350uH Min.@100KHz/0.1V with 8mA DC Bias 1500Vrms 1:13% 0.9 ohm Max. @25C 0.1-100MHz -1.2dB Max. 80MHz -10dB Min. 100MHz -35dB Min. 60MHz -12dB Min. 60-80MHz -40dB Min.
Dimensions
Schematic
Units: mm Unless otherwise specified, all tolerances are 0.25
Ver. A


▲Up To Search▲   

 
Price & Availability of LAN0054-53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X